Part Number Hot Search : 
CO55C DF10S Q7015R9 30150 MB90F347 CXK5416P SFH495P LP295
Product Description
Full Text Search
 

To Download IL300-DEFG-X006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL300
Vishay Semiconductors
Linear Optocoupler, High Gain Stability, Wide Bandwidth
Features
* * * * * * * * * * Couples AC and DC signals 0.01 % Servo Linearity Wide Bandwidth, > 200 kHz High Gain Stability, 0.05 %/ C Low Input-Output Capacitance Low Power Consumption, < 15 mW Isolation Test Voltage, 5300 VRMS, 1.0 sec. Internal Insulation Distance, > 0.4 mm for VDE Lead-free component Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
C1 A2 C3 A4 K1 K2 8 NC 7 NC 6C 5A
i179026
e3
Pb
Pb-free
Agency Approvals
* UL File #E52744 * DIN EN 60747-5-2 (VDE0884) DIN EN 60747-5-5 pending Available with Option 1, Add -X001 Suffix
Applications
Power Supply Feedback Voltage/Current Medical Sensor Isolation Audio Signal Interfacing Isolated Process Control Transducers Digital Telephone Isolation
Order Information
Part IL300 IL300-DEFG IL300-EF IL300-E IL300-F IL300-X006 IL300-X007 IL300-X009 IL300-DEFG-X006 IL300-DEFG-X007 IL300-DEFG-X009 IL300-EF-X006 IL300-EF-X007 IL300-EF-X009 IL300-E-X006 IL300-E-X007 IL300-E-X009 IL300-F-X006 IL300-F-X007 IL300-F-X009 Remarks K3 = 0.557 - 1.618, DIP-8 K3 = 0.765 - 1.181, DIP-8 K3 = 0.851 - 1.061, DIP-8 K3 = 0.851 - 0.955, DIP-8 K3 = 0.945 - 1.061, DIP-8 K3 = 0.557 - 1.618, DIP-8 400mil (option 6) K3 = 0.557 - 1.618, SMD-8 (option 7) K3 = 0.557 - 1.618, SMD-8 (option 9) K3 = 0.765 - 1.181, DIP-8 400 mil (option 6) K3 = 0.765 - 1.181, SMD-8 (option 7) K3 = 0.765 - 1.181, SMD-8 (option 9) K3 = 0.851 - 1.061, DIP-8 400 mil (option 6) K3 = 0.851 - 1.061, SMD-8 (option 7) K3 = 0.851 - 1.061, SMD-8 (option 9) K3 = 0.851 - 0.955, DIP-8 400 mil (option 6) K3 = 0.851 - 0.955, SMD-8 (option 7) K3 = 0.851 - 0.955, SMD-8 (option 9) K3 = 0.945 - 1.061, DIP-8 400 mil (option 6) K3 = 0.945 - 1.061, SMD-8 (option 7) K3 = 0.945 - 1.061, SMD-8 (option 9)
Description
The IL300 Linear Optocoupler consists of an AlGaAs IRLED irradiating an isolated feedback and an output PIN photodiode in a bifurcated arrangement. The feedback photodiode captures a percentage of the LED's flux and generates a control signal (IP1) that can be used to servo the LED drive current. This technique compensates for the LED's non-linear, time, and temperature characteristics. The output PIN photodiode produces an output signal (IP2) that is linearly related to the servo optical flux created by the LED. The time and temperature stability of the input-output coupler gain (K3) is insured by using matched PIN photodiodes that accurately track the output flux of the LED.
For additional information on the available options refer to Option Information.
Document Number 83622 Rev. 1.4, 26-Oct-04
www.vishay.com 1
IL300
Vishay Semiconductors Operation Description
A typical application circuit (Figure 1) uses an operational amplifier at the circuit input to drive the LED. The feedback photodiode sources current to R1 connected to the inverting input of U1. The photocurrent, IP1, will be of a magnitude to satisfy the relationship of (IP1 = VIN/R1). The magnitude of this current is directly proportional to the feedback transfer gain (K1) times the LED drive current ( VIN/R1 = K1 * IF). The op-amp will supply LED current to force sufficient photocurrent to keep the node voltage (Vb) equal to Va. The output photodiode is connected to a non-inverting voltage follower amplifier. The photodiode load resistor, R2, performs the current to voltage conversion. The output amplifier voltage is the product of the output forward gain (K2) times the LED current and photodiode load, R2 ( VO = IF * K2 * R2). Therefore, the overall transfer gain (VO/VIN) becomes the ratio of the product of the output forward gain (K2) times the photodiode load resistor (R2) to the product of the feedback transfer gain (K1) times the input resistor (R1). This reduces to VO/VIN=(K2 * R2)/(K1 * R1). The overall transfer gain is completely independent of the LED forward current. The IL300 transfer gain (K3) is expressed as the ratio of the output gain (K2) to the feedback gain (K1). This shows that the circuit gain becomes the product of the IL300 transfer gain times the ratio of the output to input resistors VO/VIN = K3 (R2/R1).
VISHAY
K3-Transfer Gain Linearity
The percent deviation of the Transfer Gain, as a function of LED or temperature from a specific Transfer Gain at a fixed LED current and temperature.
Photodiode
A silicon diode operating as a current source. The output current is proportional to the incident optical flux supplied by the LED emitter. The diode is operated in the photovoltaic or photoconductive mode. In the photovoltaic mode the diode functions as a current source in parallel with a forward biased silicon diode. The magnitude of the output current and voltage is dependent upon the load resistor and the incident LED optical flux. When operated in the photoconductive mode the diode is connected to a bias supply which reverse biases the silicon diode. The magnitude of the output current is directly proportional to the LED incident optical flux.
LED (Light Emitting Diode)
An infrared emitter constructed of AlGaAs that emits at 890 nm operates efficiently with drive current from 500 A to 40 mA. Best linearity can be obtained at drive currents between 5.0 mA to 20 mA. Its output flux typically changes by - 0.5 % /C over the above operational current range.
Application Circuit
K1-Servo Gain
The ratio of the input photodiode current (IP1) to the LED current (IF) i.e., K1 = IP1/IF.
V CC Va + Vin Vb 1 + U1 IF V CC 2 K1 3 4 lp 1 R1 K2 7 6 V CC 5 lp 2 Vc R2 U2 + V out V CC
IL300
K2-Forward Gain
The ratio of the output photodiode current (IP2) to the LED current (IF), i.e., K2 = IP2/IF.
8
K3-Transfer Gain
The Transfer Gain is the ratio of the Forward Gain to the Servo gain, i.e., K3 = K2/K1.
iil300_01
Figure 1. Typical Application Circuit
www.vishay.com 2
Document Number 83622 Rev. 1.4, 26-Oct-04
VISHAY
Absolute Maximum Ratings
IL300
Vishay Semiconductors
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Parameter Power dissipation Derate linearly from 25 C Forward current Surge current (pulse width < 10 s) Reverse voltage Thermal resistance Junction temperature IF IPK VR Rth Tj Test condition Symbol Pdiss Value 160 2.13 60 250 5.0 470 100 Unit mW mW/C mA mA V K/W C
Output
Parameter Power dissipation Derate linearly from 25 C Reverse voltage Junction temperature Thermal resistance VR Tj Rth Test condition Symbol Pdiss Value 50 0.65 50 100 1500 Unit mA mW/C V C K/W
Coupler
Parameter Total package dissipation at 25 C Derate linearly from 25 C Storage temperature Operating temperature Isolation test voltage Isolation resistance VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C RIO RIO Tstg Tamb Test condition Symbol Ptot Value 210 2.8 - 55 to + 150 - 55 to + 100 > 5300 > 1012 > 10
11
Unit mW mW/C C C VRMS
Document Number 83622 Rev. 1.4, 26-Oct-04
www.vishay.com 3
IL300
Vishay Semiconductors Electrical Characteristics
VISHAY
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
LED Emitter Parameter Forward voltage VF Temperature coefficient Reverse current Junction capacitance Dynamic resistance VR = 5 V VF = 0 V, f = 1.0 MHz IF = 10 mA Test condition IF = 10 mA Symbol VF VF/ C IR Cj VF/IF Min Typ. 1.25 - 2.2 1.0 15 6.0 Max 1.50 Unit V mV/C A pF
Output
Parameter Dark current Open circuit voltage Short circuit current Junction capacitance Noise equivalent power Test condition Vdet = -15 V, IF = 0 s IF = 10 mA IF = 10 mA VF = 0, f = 1.0 MHz Vdet = 15 V Symbol ID VD ISC Cj NEP Min Typ. 1.0 500 70 12 4 x 10
14
Max 25
Unit nA mV A pF W/Hz
www.vishay.com 4
Document Number 83622 Rev. 1.4, 26-Oct-04
VISHAY
Coupler
Parameter Input- output capacitance K1, Servo gain (IP1/IF) Servo current, see Note 1,2 K2, Forward gain (IP2/IF) Forward current K3, Transfer gain (K2/K1) see Note 1,2 Transfer gain linearity Test condition VF = 0 V, f = 1.0 MHz IF = 10 mA, Vdet = - 15 V IF = 10 mA, Vdet = - 15 V IF = 10 mA, Vdet = - 15 V IF = 10 mA, Vdet = - 15 V IF = 10 mA, Vdet = - 15 V IF = 1.0 to 10 mA IF = 1.0 to 10 mA, Tamb = 0 C to 75 C Photoconductive Operation Frequency response Phase response at 200 kHz 1. Bin Sorting: K3 (transfer gain) is sorted into bins that are 6 % , as follows: Bin A = 0.557 - 0.626 Bin B = 0.620 - 0.696 Bin C = 0.690 - 0.773 Bin D = 0.765 - 0.859 Bin E = 0.851 - 0.955 Bin F = 0.945 - 1.061 Bin G = 1.051 - 1.181 Bin H = 1.169 - 1.311 Bin I = 1.297 - 1.456 Bin J = 1.442 - 1.618 K3 = K2/K1. K3 is tested at IF = 10 mA, Vdet = - 15 V. IFq = 10 mA, MOD = 4.0 mA, RL = 50 Vdet = - 15 V BW (-3 db) 200 -45 K1 IP1 K2 IP2 K3 K3 0.56 0.0036 0.0050 Symbol Min Typ. 1.0 0.007 70 0.007 70 1.00 0.25 0.5 1.65 0.011 0.011 Max
IL300
Vishay Semiconductors
Unit pF A A K2/K1 % %
KHz Deg.
2. Bin Categories: All IL300s are sorted into a K3 bin, indicated by an alpha character that is marked on the part. The bins range from "A" through "J". The IL300 is shipped in tubes of 50 each. Each tube contains only one category of K3. The category of the parts in the tube is marked on the tube label as well as on each individual part. 3. Category Options: Standard IL300 orders will be shipped from the categories that are available at the time of the order. Any of the ten categories may be shipped. For customers requiring a narrower selection of bins, four different bin option parts are offered. IL300-DEFG: Order this part number to receive categories D,E,F,G only. IL300-EF: Order this part number to receive categories E, F only. IL300-E: Order this part number to receive category E only.
Switching Characteristics
Parameter Switching time Rise time Fall time Test condition IF = 2.0 mA, IFq = 10 mA Symbol tr tf tr tf Min Typ. 1.0 1.0 1.75 1.75 Max Unit s s s s
Document Number 83622 Rev. 1.4, 26-Oct-04
www.vishay.com 5
IL300
Vishay Semiconductors Common Mode Transient Immunity
Parameter Common mode capacitance Common mode rejection ratio Test condition VF = 0, f = 1. MHz f = 60 Hz, RL = 2.2 K Symbol CCM CMRR Min Typ. 0.5 130 Max
VISHAY
Unit pF dB
Typical Characteristics (Tamb = 25 C unless otherwise specified)
35
IF - LED Current - mA
300
IP1 - Servo Photocurrent - A
30 25 20 15 10 5 0 1.0 1.1 1.2 1.3 VF - LED Forward Voltage - V 1.4
250 200 150 100 50 0 .1
0C 25C 50C 75C
V D = 15 V
1 10 IF - LED Current - mA
100
iil300_02
iil300_04
Figure 2. LED Forward Current vs.Forward Voltage
Figure 4. Servo Photocurrent vs. LED Current and Temperature
100
IP1 - Servo Photocurrent - A
1000 0C 25C 50C 75C V D = -15 V
IF - LED Current - mA
10
100
1
10
1 .1 1.0
iil300_03
.1 1.1 1.2 1.3 VF - LED Forward Voltage - V 1.4
iil300_05
1
10
100
IF - LED Current - mA
Figure 3. LED Forward Current vs.Forward Voltage
Figure 5. Servo Photocurrent vs. LED Current and Temperature
www.vishay.com 6
Document Number 83622 Rev. 1.4, 26-Oct-04
VISHAY
IL300
Vishay Semiconductors
3.0
NK1 - Normalized Servo Gain Normalized Photocurrent
1.2 Normalized to: IP1@ I F=10 mA, TA=25C 0C VD=-15 V 25C 50C 75C 1.0 0.8 0.6 0.4 0.2 0.0 0 5 10 15 IF - LED Current - mA 20 25
iil300_09
0C 25C 50C 75C 100C
2.5 2.0 1.5 1.0 0.5 0.0
Normalized to: I F = 10 mA, TA = 25C .1 1 10 IF - LED Current - mA 100
iil300_06
Figure 6. Normalized Servo Photocurrent vs. LED Current and Temperature
Figure 9. Normalized Servo Gain vs. LED Current and Temperature
10
IP1 - Normalized Photocurrent K3 - Transfer Gain - (K2/K1)
1.010 Normalized to: IP1@ I F=10 mA, TA=25C 0C VD=-15 V 25C 50C 75C 0C 1.005 25C 1.000 50C 75C
1
.1
0.995
.01 .1
iil300_07
0.990 1 10 100
iil300_10
0
5
10
15
20
25
IF - LED Current - mA
IF - LED Current - mA
Figure 7. Normalized Servo Photocurrent vs. LED Current and Temperature
Figure 10. Transfer Gain vs. LED Current and Temperature
1.2
NK1 - Normalized Servo Gain
K3 - Transfer Gain - (K2/K1)
1.0 0.8 0.6 0.4 0.2 0.0 .1 1 10
0C 25C 50C 75C 85C
1.010 0C 1.005 25C 1.000 50C 75C Normalized to: I F = 10 mA, TA = 25C
0.995
0.990 100
iil300_11
0
5
10
15
20
25
IF - LED Current - mA
iil300_08
I F - LED Current - mA
Figure 8. Servo Gain vs. LED Current and Temperature
Figure 11. Normalized Transfer Gain vs. LED Current and Temperature
Document Number 83622 Rev. 1.4, 26-Oct-04
www.vishay.com 7
IL300
Vishay Semiconductors
VISHAY
5 I F=10 mA, Mod = 2.0 mA (peak)
Amplitude Response - dB
14 12
Capacitance - pF
0 -5 -10 -15 -20 10 4 10 5 F - Frequency - Hz
R L=1.0 K
10 8 6 4 2 0 0 2 4 6 Voltage - Vdet 8 10
R L=10 K
10 6
iil300_12
iil300_15
Figure 12. Amplitude Response vs. Frequency
Figure 15. Photodiode Junction Capacitance vs. Reverse Voltage
5
Amplitude Response - dB
45 dB PHASE
- Phase Response -
Application Considerations
In applications such as monitoring the output voltage from a line powered switch mode power supply, measuring bioelectric signals, interfacing to industrial transducers, or making floating current measurements, a galvanically isolated, DC coupled interface is often essential. The IL300 can be used to construct an amplifier that will meet these needs. The IL300 eliminates the problems of gain nonlinearity and drift induced by time and temperature, by monitoring LED output flux. A PIN photodiode on the input side is optically coupled to the LED and produces a current directly proportional to flux falling on it. This photocurrent, when coupled to an amplifier, provides the servo signal that controls the LED drive current. The LED flux is also coupled to an output PIN photodiode. The output photodiode current can be directly or amplified to satisfy the needs of succeeding circuits.
0 -5 -10 -15 -20 10 3 IFq=10 mA Mod= 4.0 mA TA=25C RL=50 10 4 10 5 10 6 F - Frequency - Hz
0 -45 -90 -135 -180 10 7
iil300_13
Figure 13. Amplitude and Phase Response vs. Frequency
-60
CMRR - Rejection Ratio - dB
-70 -80 -90 -100 -110 -120 -130 10 100 1000 10000 100000 1000000 F - Frequency - Hz
Isolated Feedback Amplifier
The IL300 was designed to be the central element of DC coupled isolation amplifiers. Designing the IL300 into an amplifier that provides a feedback control signal for a line powered switch mode power is quite simple, as the following example will illustrate. See Figure 17 for the basic structure of the switch mode supply using the Infineon TDA4918 Push-Pull Switched Power Supply Control Chip. Line isolation and insulation is provided by the high frequency transformer. The voltage monitor isolation will be provided by the IL300.
iil300_14
Figure 14. Common-Mode Rejection
www.vishay.com 8
Document Number 83622 Rev. 1.4, 26-Oct-04
VISHAY
The isolated amplifier provides the PWM control signal which is derived from the output supply voltage. Figure 16 more closely shows the basic function of the amplifier. The control amplifier consists of a voltage divider and a non-inverting unity gain stage. The TDA4918 data sheet indicates that an input to the control amplifier is a high quality operational amplifier that typically requires a +3.0 V signal. Given this information, the amplifier circuit topology shown in Figure 18 is selected. The power supply voltage is scaled by R1 and R2 so that there is + 3.0 V at the non-inverting input (Va) of U1. This voltage is offset by the voltage developed by photocurrent flowing through R3. This photocurrent is developed by the optical flux created by current flowing through the LED. Thus as the scaled monitor voltage (Va) varies it will cause a change in the LED current necessary to satisfy the differential voltage needed across R3 at the inverting input. The first step in the design procedure is to select the value of R3 given the LED quiescent current (IFq) and the servo gain (K1). For this design, IFq = 12 mA. Figure 4 shows the servo photocurrent at IFq is found to be 100 A. With this data R3 can be calculated.
R3 = Vb IPI
=
IL300
Vishay Semiconductors
The value of R5 depends upon the IL300 Transfer Gain (K3). K3 is targeted to be a unit gain device, however to minimize the part to part Transfer Gain variation, Infineon offers K3 graded into 5 % bins. R5 can determined using the following equation,
R5 = VOUT VMONITOR
*
R3(R1 + R2) R2K3
17166
Or if a unity gain amplifier is being designed (VMONITOR = VOUT, R1 = 0), the equation simplifies to:
R5 = R3 K3
17190
3V 100 A
= 30 K
17164
To Control Input
+ ISO AMP +1 -
R1
Voltage Monitor
R2
iil300_16
Figure 16. Isolated Control Amplifier
For best input offset compensation at U1, R2 will equal R3. The value of R1 can easily be calculated from the following.
R1 = R2( VMONITOR - 1) Va
17165
Document Number 83622 Rev. 1.4, 26-Oct-04
www.vishay.com 9
IL300
Vishay Semiconductors
VISHAY
110/ 220 MAIN
DC OUTPUT AC/DC RECTIFIER SWITCH XFORMER AC/DC RECTIFIER
SWITCH MODE REGULATOR TDA4918
iil300_17
CONTROL
ISOLATED FEEDBACK
Figure 17. Switching Mode Power Supply
Vmonitor
R1 20 KW
R2 30 KW
7V 3+ R4 CC 100 W Va 6 U1 LM201 2 1 Vb 8 VCC 4 100 pF
1 2 K1 3 4
IL300
8 7 6 5 VCC Vout R5 30 KW To control input
K2
R3 30 KW
iil300_18
Figure 18. DC Coupled Power Supply Feedback Amplifier
Table 1. gives the value of R5 given the production K3 bins.
R5 Selection
Table 1. Bins A B C D E F G H I J Min. 0.560 0.623 0.693 0.769 0.855 0.950 1.056 1.175 1.304 1.449 Max. 0.623 0.693 0.769 0.855 0.950 1.056 1.175 1.304 1.449 1.610 3 Typ. 0.59 0.66 0.73 0.81 0.93 1.00 1.11 1.24 1.37 1.53 R5 Resistor K 50.85 45.45 41.1 37.04 32.26 30.00 27.03 24.19 21.90 19.61 1% K 51.1 45.3 41.2 37.4 32.4 30.0 27.0 24.0 22.0 19.4
www.vishay.com 10
Document Number 83622 Rev. 1.4, 26-Oct-04
VISHAY
The last step in the design is selecting the LED current limiting resistor (R4). The output of the operational amplifier is targeted to be 50 % of the VCC, or 2.5 V. With an LED quiescent current of 12 mA the typical LED (VF) is 1.3 V. Given this and the operational output voltage, R4 can be calculated.
Vopamp - VF 2.5 V - 1.3 V = 100 R4 = = 12 mA I Fq
IL300
Vishay Semiconductors
0.025 0.020 LM201
Linearity Error - %
0.015 0.010 0.005 0.000 -0.005 -0.010 -0.015 4.0 4.5 5.0 5.5 Vin - Input Voltage - V 6.0
17096
The circuit was constructed with an LM201 differential operational amplifier using the resistors selected. The amplifier was compensated with a 100 pF capacitor connected between pins 1 and 8. The DC transfer characteristics are shown in Figure 19. The amplifier was designed to have a gain of 0.6 and was measured to be 0.6036. Greater accuracy can be achieved by adding a balancing circuit, and potentiometer in the input divider, or at R5. The circuit shows exceptionally good gain linearity with an RMS error of only 0.0133 % over the input voltage range of 4.0 V - 6.0 V in a servo mode; see Figure 20.
3.75 3.50
Vout - Output Voltage - V
iil300_20
Figure 20. Linearity Error vs. Input Voltage
The AC characteristics are also quite impressive offering a - 3.0 dB bandwidth of 100 kHz, with a -45 phase shift at 80 kHz as shown in Figure 21.
2 dB PHASE
Amplitude Response - dB
45 0 -45 -90 -135 -180 10 3 10 4 10 5 F - Frequency - Hz 10 6
Phase Response -
0 -2 -4 -6 -8
Vout = 14.4 mV + 0.6036 x Vin LM 201 Ta = 25C
3.25 3.00 2.75 2.50 2.25 4.0 4.5 5.0 5.5 6.0
iil300_21
Figure 21. Amplitude and Phase Power Supply Control
iil300_19
Figure 19. Transfer Gain
The same procedure can be used to design isolation amplifiers that accept bipolar signals referenced to ground. These amplifiers circuit configurations are shown in Figure 22. In order for the amplifier to respond to a signal that swings above and below ground, the LED must be pre biased from a separate source by using a voltage reference source (Vref1). In these designs, R3 can be determined by the following equation.
R3 = Vref1 IP1
=
Vref1 K1IFq
17098
Document Number 83622 Rev. 1.4, 26-Oct-04
www.vishay.com 11
IL300
Vishay Semiconductors
VISHAY
Non-Inverting Input
Non-Inverting Output
+Vref2 R5
Vin R1
3+ R2 2- 4 R3 -Vref1
7
-Vcc Vcc 6 100
1 2 3 4
IL 300
8 7 Vcc 6 5 3+ R4 2-
R6 7 Vcc
-Vcc +Vcc 20pF
6
Vo -Vcc 4
Inverting Input
Vin R1 7
Inverting Output
3+ R2 2
Vcc 6 Vcc
100 +Vcc
1 2
IL 300
+Vref2 8 7 Vcc 6 5 2- -Vcc 4 R4 3+ 7 Vcc 6 Vout
-
4
20pF -Vcc
3 4
R3 +Vref1
iil300_22
Figure 22. Non-inverting and Inverting Amplifiers
Table 2. Optolinear amplifiers
Amplifier
Input
Inverting
Output
Inverting
Gain
VOUT K3 R4 R2 = VIN R3 (R1 + R2) VOUT K3 R4 R2 (R5 + R6) = VIN R3 R5 (R1 + R2) VOUT - K3 R4 R2 (R5 + R6) = VIN R3 R5 (R1 + R2) VOUT - K3 R4 R2 = VIN R3 (R1 + R2)
Offset
V ref2 = V ref1 R4 K3 R3 - Vref1 R4 (R5 + R6) K3 R3 R6 Vref1 R4 (R5 + R6) K3 R3 R6 - Vref1 R4 K3 R3
Non-Inverting Non-Inverting Non-Inverting
V ref2 =
Inverting Inverting
Non-Inverting
V ref2 = V ref2 =
Non-Inverting Inverting
17189
These amplifiers provide either an inverting or noninverting transfer gain based upon the type of input and output amplifier. Table 2 shows the various configurations along with the specific transfer gain equations. The offset column refers to the calculation of the output offset or Vref2 necessary to provide a zero voltwww.vishay.com 12
age output for a zero voltage input. The non-inverting input amplifier requires the use of a bipolar supply, while the inverting input stage can be implemented with single supply operational amplifiers that permit operation close to ground.
Document Number 83622 Rev. 1.4, 26-Oct-04
VISHAY
For best results, place a buffer transistor between the LED and output of the operational amplifier when a CMOS opamp is used or the LED IFq drive is targeted to operate beyond 15 mA. Finally the bandwidth is
IL300
Vishay Semiconductors
influenced by the magnitude of the closed loop gain of the input and output amplifiers. Best bandwidths result when the amplifier gain is designed for unity.
Package Dimensions in Inches (mm)
.021 (0.527) .035 (0.889)
.130 (3.302) .150 (3.810)
Pin 1 ID.
.240 (6.096) .260 (6.604) .100 (2.540) 1 2 8 4 7 6 5 .050 (1.270) .010 (0.254) REF.
.016 (.406) .020 (.508 )
.040 (1.016) .050 (1.270 )
3 4
.280 (7.112) .330 (8.382)
.380 (9.652) .400 (10.16) .300 Typ. (7.62) Typ.
.020 (0.508) REF.
.010 (0.254) REF.
3 9 .008 (0.203) .012 (0.305)
10 .110 (2.794) .130 (3.302)
ISO Method A
i178010
Option 6
.407 (10.36) .391 (9.96) .307 (7.8) .291 (7.4) .028 (0.7) MIN.
Option 7
.300 (7.62) TYP .
Option 9
.375 (9.53) .395 (10.03) .300 (7.62) ref.
.180 (4.6) .160 (4.1) .0040 (.102)
.0098 (.249)
.315 (8.0) MIN. .014 (0.35) .010 (0.25) .400 (10.16) .430 (10.92) .331 (8.4) MIN. .406 (10.3) MAX.
.012 (.30) typ.
.020 (.51) .040 (1.02)
.315 (8.00) min.
15 max.
18450
Document Number 83622 Rev. 1.4, 26-Oct-04
www.vishay.com 13
IL300
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
VISHAY
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 14
Document Number 83622 Rev. 1.4, 26-Oct-04
VISHAY
IL300
Vishay Semiconductors
Document Number 83622 Rev. 1.4, 26-Oct-04
www.vishay.com 15


▲Up To Search▲   

 
Price & Availability of IL300-DEFG-X006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X